Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IYST Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSZ182IYST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IYST Datasheet(HTML) 2 Page - STMicroelectronics

  TSZ182IYST Datasheet HTML 1Page - STMicroelectronics TSZ182IYST Datasheet HTML 2Page - STMicroelectronics TSZ182IYST Datasheet HTML 3Page - STMicroelectronics TSZ182IYST Datasheet HTML 4Page - STMicroelectronics TSZ182IYST Datasheet HTML 5Page - STMicroelectronics TSZ182IYST Datasheet HTML 6Page - STMicroelectronics TSZ182IYST Datasheet HTML 7Page - STMicroelectronics TSZ182IYST Datasheet HTML 8Page - STMicroelectronics TSZ182IYST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
1
Package pin connections
Figure 1. Pin connections for each package (top view)
DFN8 2x2 (TSZ182)
MiniSO8 and SO8 (TSZ182)
SOT23-5 (TSZ181)
DFN6 1.2x1.3 (TSZ181)
1.
The exposed pad of the DFN8 2x2 can be connected to VCC- or left floating.
TSZ181, TSZ182
Package pin connections
DS11863 - Rev 5
page 2/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com