Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IYST Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSZ182IYST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IYST Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSZ182IYST Datasheet HTML 26Page - STMicroelectronics TSZ182IYST Datasheet HTML 27Page - STMicroelectronics TSZ182IYST Datasheet HTML 28Page - STMicroelectronics TSZ182IYST Datasheet HTML 29Page - STMicroelectronics TSZ182IYST Datasheet HTML 30Page - STMicroelectronics TSZ182IYST Datasheet HTML 31Page - STMicroelectronics TSZ182IYST Datasheet HTML 32Page - STMicroelectronics TSZ182IYST Datasheet HTML 33Page - STMicroelectronics TSZ182IYST Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Table 7. DFN6 1.2 x 1.3 mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.31
0.38
0.40
0.012
0.015
0.016
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.18
0.25
0.006
0.007
0.010
c
0.05
0.002
D
1.20
0.047
E
1.30
0.051
e
0.40
0.016
L
0.475
0.525
0.575
0.019
0.021
0.023
L3
0.375
0.425
0.475
0.015
0.017
0.019
Figure 66. DFN6 1.2 x 1.3 recommended footprint
0.40
0.25
3
1
1.20
4
6
0.475
TSZ181, TSZ182
DFN6 1.2 x 1.3 package information
DS11863 - Rev 5
page 30/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com