Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IYST Datasheet(PDF) 41 Page - STMicroelectronics

Part # TSZ182IYST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IYST Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TSZ182IYST Datasheet HTML 35Page - STMicroelectronics TSZ182IYST Datasheet HTML 36Page - STMicroelectronics TSZ182IYST Datasheet HTML 37Page - STMicroelectronics TSZ182IYST Datasheet HTML 38Page - STMicroelectronics TSZ182IYST Datasheet HTML 39Page - STMicroelectronics TSZ182IYST Datasheet HTML 40Page - STMicroelectronics TSZ182IYST Datasheet HTML 41Page - STMicroelectronics TSZ182IYST Datasheet HTML 42Page - STMicroelectronics TSZ182IYST Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
List of figures
Figure 1.
Pin connections for each package (top view) ............................................... 2
Figure 2.
Supply current vs. supply voltage ....................................................... 9
Figure 3.
Input offset voltage distribution at VCC = 5 V ................................................ 9
Figure 4.
Input offset voltage distribution at VCC = 3.3 V .............................................. 9
Figure 5.
Input offset voltage distribution at VCC = 2.2 V .............................................. 9
Figure 6.
Input offset voltage distribution at VCC = 5 V, T = 125 °C ....................................... 9
Figure 7.
Input offset voltage distribution at VCC = 5 V, T = -40 °C........................................ 9
Figure 8.
Input offset voltage distribution at VCC = 2.2 V, T = 125 °C ..................................... 10
Figure 9.
Input offset voltage distribution at VCC = 2.2 V, T = -40 °C ..................................... 10
Figure 10.
Input offset voltage vs. supply voltage ................................................... 10
Figure 11.
Input offset voltage vs. input common-mode at VCC = 5.5 V .................................... 10
Figure 12.
Input offset voltage vs. input common-mode at VCC = 3.3 V .................................... 10
Figure 13.
Input offset voltage vs. input common-mode at VCC = 2.2 V .................................... 10
Figure 14.
Input offset voltage vs. temperature..................................................... 11
Figure 15.
VOH vs. supply voltage ............................................................. 11
Figure 16.
VOL vs. supply voltage.............................................................. 11
Figure 17.
Output current vs. output voltage at VCC = 5.5 V ............................................ 11
Figure 18.
Output current vs. output voltage at VCC = 2.2 V ............................................ 11
Figure 19.
Input bias current vs. common-mode at VCC = 5 V .......................................... 11
Figure 20.
Input bias current vs. temperature at VCC = 5 V ............................................ 12
Figure 21.
Output rail linearity ................................................................ 12
Figure 22.
Bode diagram at VCC = 5.5 V ......................................................... 12
Figure 23.
Bode diagram at VCC = 2.2 V ......................................................... 12
Figure 24.
Bode diagram at VCC = 3.3 V ......................................................... 12
Figure 25.
Open loop gain vs. frequency ......................................................... 12
Figure 26.
Positive slew rate vs. supply voltage .................................................... 13
Figure 27.
Negative slew rate vs. supply voltage ................................................... 13
Figure 28.
Noise 0.1 - 10 Hz vs. time ........................................................... 13
Figure 29.
Noise vs. frequency................................................................ 13
Figure 30.
Noise vs. frequency and temperature ................................................... 13
Figure 31.
Output overshoot vs. load capacitance .................................................. 13
Figure 32.
Small signal VCC = 5 V ............................................................. 14
Figure 33.
Small signal VCC = 2.2 V ............................................................ 14
Figure 34.
Large signal VCC = 5 V ............................................................. 14
Figure 35.
Large signal VCC = 2.2 V ............................................................ 14
Figure 36.
Negative overvoltage recovery VCC = 2.2 V ............................................... 14
Figure 37.
Positive overvoltage recovery VCC = 2.2 V ................................................ 14
Figure 38.
Output impedance vs. frequency....................................................... 15
Figure 39.
Settling time positive step (-2 V to 0 V)................................................... 15
Figure 40.
Settling time negative step (2 V to 0 V) .................................................. 15
Figure 41.
Settling time positive step (-0.8 V to 0 V) ................................................. 15
Figure 42.
Settling time negative step (0.8 V to 0 V) ................................................. 15
Figure 43.
Maximum output voltage vs. frequency .................................................. 15
Figure 44.
Crosstalk vs. frequency ............................................................. 16
Figure 45.
PSRR vs. frequency ............................................................... 16
Figure 46.
Block diagram in the time domain (step 1) ................................................ 17
Figure 47.
Block diagram in the time domain (step 2) ................................................ 17
Figure 48.
Vio cancellation principle ............................................................ 18
Figure 49.
Block diagram in the frequency domain .................................................. 18
TSZ181, TSZ182
List of figures
DS11863 - Rev 5
page 41/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com