Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2913 Datasheet HTML 1Page - Renesas Technology Corp F2913 Datasheet HTML 2Page - Renesas Technology Corp F2913 Datasheet HTML 3Page - Renesas Technology Corp F2913 Datasheet HTML 4Page - Renesas Technology Corp F2913 Datasheet HTML 5Page - Renesas Technology Corp F2913 Datasheet HTML 6Page - Renesas Technology Corp F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
F2913 Datasheet
© 2019 Integrated Device Technology, Inc.
3
January 31, 2019
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VDD to GND
VDD
-0.5
+6.0
V
C1, C2 to GND
VLOGIC
-0.3
Lower of
(VDD + 0.3, 3.9)
V
RF1, RF2, RFC to GND
VRF
-0.3
0.3
V
Maximum Input CW Power,
ZS = ZL = 50Ω, TEP = 25°C,
VDD = 5.5V (any port) [a]
Insertion loss states
PABSCW
33
dBm
Terminated states
PABSCW_TERM
27
Maximum Input Peak Power,
ZS = ZL = 50Ω, TEP = 25°C,
VDD = 5.5V (any port) [a, b]
Insertion loss states
PABSPK
36
dBm
Terminated states
PABSPK_TERM
30
Junction Temperature
TJMAX
140
°C
Storage Temperature Range
TST
-65
150
°C
Lead Temperature (soldering, 10s)
TLEAD
260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2500
(Class 2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
1000
(Class C2)
V
a. TEP = Temperature of the exposed paddle.
b. 5% duty cycle of a 4.6ms period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com