Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2913 Datasheet HTML 1Page - Renesas Technology Corp F2913 Datasheet HTML 2Page - Renesas Technology Corp F2913 Datasheet HTML 3Page - Renesas Technology Corp F2913 Datasheet HTML 4Page - Renesas Technology Corp F2913 Datasheet HTML 5Page - Renesas Technology Corp F2913 Datasheet HTML 6Page - Renesas Technology Corp F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
F2913 Datasheet
© 2019 Integrated Device Technology, Inc.
4
January 31, 2019
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Supply Voltage
VDD
2.7
3.3
5.5
V
Operating Temperature Range
TEP
Exposed Paddle
-40
+110
°C
RF Frequency Range
fRF
50
6000
MHz
Maximum Operating Input Power
PMAX
ZS = ZL = 50Ω
See Figure 3
dBm
Port Impedance (RFC, RF1, RF2)
ZRF
50
Ω
Figure 3. Maximum RF Input Operating Power vs. RF Frequency (ZS = ZL = 50Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com