Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2913 Datasheet HTML 4Page - Renesas Technology Corp F2913 Datasheet HTML 5Page - Renesas Technology Corp F2913 Datasheet HTML 6Page - Renesas Technology Corp F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp F2913 Datasheet HTML 10Page - Renesas Technology Corp F2913 Datasheet HTML 11Page - Renesas Technology Corp F2913 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
F2913 Datasheet
© 2019 Integrated Device Technology, Inc.
8
January 31, 2019
Typical Performance Characteristics (1)
Figure 4. RFC to RF1 Insertion Loss vs. Freq.
over Temperature and Voltage
Figure 5. RFC to RF2 Insertion Loss vs. Freq.
over Temperature and Voltage
Figure 6. RFC to RF1 Isolation vs. Freq. over
Temp. and Voltage (RF2 On State]
Figure 7. RFC to RF2 Isolation vs. Freq. over
Temp. and Voltage (RF1 On State]
Figure 8. RF1 to RF2 Isolation vs. Freq. over
Temp. and Voltage (RF1 On State)
Figure 9. RF2 to RF1 Isolation vs. Freq. over
Temp. and Voltage (RF2 On State)
-2.5
-2
-1.5
-1
-0.5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-2.5
-2
-1.5
-1
-0.5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-120
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-120
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-120
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-120
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com