Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F2913 Datasheet HTML 10Page - Renesas Technology Corp F2913 Datasheet HTML 11Page - Renesas Technology Corp F2913 Datasheet HTML 12Page - Renesas Technology Corp F2913 Datasheet HTML 13Page - Renesas Technology Corp F2913 Datasheet HTML 14Page - Renesas Technology Corp F2913 Datasheet HTML 15Page - Renesas Technology Corp F2913 Datasheet HTML 16Page - Renesas Technology Corp F2913 Datasheet HTML 17Page - Renesas Technology Corp F2913 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
F2913 Datasheet
© 2019 Integrated Device Technology, Inc.
14
January 31, 2019
Evaluation Kit / Applications Circuit
Figure 30. Electrical Schematic
Table 8.
Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1
1
0.1µF ±10%, 16V X7R Ceramic Capacitor (0402)
GRM155R71C104KA88D
Murata
C2 – C9
0
Not Installed (0402)
R1 – R3
3
0Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
J1 – J5
5
SMA Edge Mount
142-0761-881
Cinch Connectivity
J6
1
8x2 Vertical Pin Strip Header
961216-6404-AR
Amphenol FCI
U1
1
SP2T Switch 4mm x 4mm QFN
F2913NLGK
IDT
1
Printed Circuit Board
F2913 PCB
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com