Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F2913
Description  High Isolation SP2T RF Switch 50MHz to 6000MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2913 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F2913 Datasheet HTML 7Page - Renesas Technology Corp F2913 Datasheet HTML 8Page - Renesas Technology Corp F2913 Datasheet HTML 9Page - Renesas Technology Corp F2913 Datasheet HTML 10Page - Renesas Technology Corp F2913 Datasheet HTML 11Page - Renesas Technology Corp F2913 Datasheet HTML 12Page - Renesas Technology Corp F2913 Datasheet HTML 13Page - Renesas Technology Corp F2913 Datasheet HTML 14Page - Renesas Technology Corp F2913 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
F2913 Datasheet
© 2019 Integrated Device Technology, Inc.
11
January 31, 2019
Typical Performance Characteristics (4)
Figure 21. RF1 Return Loss vs. Frequency over
Temp. and Voltage (All Off State)
Figure 22. RF2 Return Loss vs. Frequency over
Temp. and Voltage (All Off State)
Figure 23. RFC Return Loss vs. Frequency over
Temp. and Voltage (All Off State)
Figure 24. RF1 Input IP3 vs. Frequency over
Temp. and Voltage (RF1 On State)
Figure 25. RF2 Input IP3 vs. Frequency over
Temp. and Voltage (RF2 On State)
Figure 26. Input P1dB vs. Frequency over Temp.
and Voltage (On States)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
40
45
50
55
60
65
70
0
1
2
3
4
5
6
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
40
45
50
55
60
65
70
0
1
2
3
4
5
6
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C
32
33
34
35
36
37
38
39
0
1
2
3
4
5
6
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.5V, 25C
2.7V, 110C
3.3V, 110C
5.5V, 110C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com