Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8083 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 10Page - Analog Devices LTM8083 Datasheet HTML 11Page - Analog Devices LTM8083 Datasheet HTML 12Page - Analog Devices LTM8083 Datasheet HTML 13Page - Analog Devices LTM8083 Datasheet HTML 14Page - Analog Devices LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices LTM8083 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM8083
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
move. This value is determined with the part mounted
to a 95mm × 76mm PCB with four layers.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical µModule reg-
ulator, the bulk of the heat flows out the bottom of
the package, but there is always heat flow out into the
ambient environment. As a result, this thermal resis-
tance value may be useful for comparing packages,
but the test conditions don’t generally match the user’s
application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the typ-
ical µModule regulator are on the bottom of the pack-
age, it is rare for an application to operate such that
most of the heat flows from the junction to the top of
the part. As in the case of θJCbottom, this value may be
useful for comparing packages but the test conditions
don’t generally match the user’s application.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 6; blue resistances
are contained within the μModule regulator, whereas
green resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the three thermal resis-
tance parameters defined by JESD 51-12 or provided
in the Pin Configuration section replicates or conveys
normal operating conditions of a μModule regulator.
For example, in normal board-mounted applications,
never does 100% of the device’s total power loss (heat)
thermally conduct exclusively through the top or exclu-
sively through bottom of the µModule package—as the
standard defines for θJCtop and θJCbottom, respectively.
In practice, power loss is thermally dissipated in both
directions away from the package—granted, in the
absence of a heat sink and airflow, a majority of the
heat flow is into the board.
the bandwidth and phase margin of the circuit, a feedfor-
ward capacitor (CFF) could be added by connecting from
VOUT to FB pin which is in parallel with R5 in Figure 1.
The LTpowerCAD design tool is available to down-
load online to perform specific control loop optimiza-
tion and analyze the control stability and load transient
performance.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD 51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients
is found in JESD 51-12 (Guidelines for Reporting and
Using Electronic Package Thermal Information).
Many designers may opt to use laboratory equipment and
a test vehicle such as the demo board to anticipate the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are, in and of themselves, not
relevant to providing guidance of thermal performance;
instead, the derating curves provided in this data sheet
can be used in a manner that yields insight and guid-
ance pertaining to one’s application usage, and can be
adapted to correlate thermal performance to one’s own
application.
The Pin Configuration section gives three thermal coeffi-
cients explicitly defined in JESD 51-12; these coefficients
are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air” although natural convection causes the air to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com