Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8083 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 1 Page - Analog Devices

  LTM8083 Datasheet HTML 1Page - Analog Devices LTM8083 Datasheet HTML 2Page - Analog Devices LTM8083 Datasheet HTML 3Page - Analog Devices LTM8083 Datasheet HTML 4Page - Analog Devices LTM8083 Datasheet HTML 5Page - Analog Devices LTM8083 Datasheet HTML 6Page - Analog Devices LTM8083 Datasheet HTML 7Page - Analog Devices LTM8083 Datasheet HTML 8Page - Analog Devices LTM8083 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM8083
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36V, 1.5A Buck-Boost
µModule Regulator
The LTM®8083 is a 36VIN, Buck-Boost µModule® Regulator.
Included in the package are the switching controller, power
switches, inductor, and support components. All that is
needed to complete the design is resistors for setting the
output voltage and operating frequency, and input and
output capacitors. Operating over an input voltage range
from 3V to 36V, the LTM8083 can regulate output volt-
ages between 1V and 36V with seamless low-noise tran-
sitions between operation regions, as well as controlling
both input and output average currents through external
sense resistors.
The low profile package enables utilization of unused
space on the bottom of PC boards for high density point
of load regulation. The LTM8083 is packaged in ther-
mally enhanced, compact over-molded Ball Grid Array
(BGA) packages suitable for automated assembly by
standard surface mount equipment. The LTM8083 is
RoHS compliant.
12VOUT from 3-36VIN Buck-Boost Regulator
Efficiency at 12V Output
APPLICATIONS
n
Complete Buck-Boost Switch Mode Power Supply
n
Wide Input Voltage Range: 3V to 36V
n
Wide Output Voltage Range: 1V to 36V
n
12V/0.8A Output at 6VIN
n
12V/1.5A Output at 12VIN
n
12V/1.5A Output at 36VIN
n
Integrated Three-Terminal Capacitors and Spread
Spectrum for Excellent EMI Performance
n
Compliant with CISPR25 Class 5 Limits (Refer to
Figure 25)
n
300kHz to 2MHz Fixed Switching Frequency with
External Frequency Synchronization
n
Adjustable Output Current Limit
n
Output Current Monitoring
n
RoHS Compliant Package
n
6.25mm × 6.25mm × 2.22mm BGA Package
n
Battery-Operated Devices
n
Test and Measurement Equipment
n
Industrial Control
n
Solar Powered Voltage Regulator
n
Solar Powered Battery Charging
All registered trademarks and trademarks are the property of their respective owners.
110k
10µF
VOUT
12V
10k
40.2k
1MHz
VIN
SVIN
TST1
RT
EN/UVLO
VOUT
ISN
OVLO
SYNC
GND
VIN
3V TO 36V
PINS NOT USED:
CTRL, ISMON, INTVCC, SS, VC
ISP
8083 TA01
LTM8083
FB
10µF
TST2
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
8083 TA01b
1.5
0.6
1.2
0.3
0.9
VIN = 6V
VIN = 12V
VIN = 24V
VIN = 36V


Similar Part No. - LTM8083

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
1Mb / 22P
Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results

Similar Description - LTM8083

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8056 LINER-LTM8056_15 Datasheet
432Kb / 26P
58VIN, 48VOUT Buck-Boost Module Regulator
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com