Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8083 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 12Page - Analog Devices LTM8083 Datasheet HTML 13Page - Analog Devices LTM8083 Datasheet HTML 14Page - Analog Devices LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices LTM8083 Datasheet HTML 18Page - Analog Devices LTM8083 Datasheet HTML 19Page - Analog Devices LTM8083 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM8083
16
Rev. 0
For more information www.analog.com
Figure 7. Power Loss at 3.3VOUT
Figure 8. Power Loss at 5VOUT
Figure 9. Power Loss at 8VOUT
Figure 10. Power Loss at 12VOUT
Figure 11. Power Loss at 18VOUT
Figure 12. Power Loss at 24VOUT
Figure 13. Power Loss at 36VOUT
Figure 14. 5V to 5V Derating
Curve, No Heat Sink
Figure 15. 12V to 5V Derating
Curve, No Heat Sink
APPLICATIONS INFORMATION
LOAD CURRENT (A)
0
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
8083 F07
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0
2.5
2.0
1.5
1.0
0
0.5
8083 F10
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 6V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
3.5
3.0
2.5
2.0
1.5
1.0
0
0.5
8083 F13
1.5
0.6
1.2
0.3
0.9
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
2.5
2.0
1.5
1.0
0
0.5
8083 F08
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
2.5
2.0
1.5
1.0
0
0.5
8083 F11
1.5
0.6
1.2
0.3
0.9
VIN = 5V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 36V
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
1.2
1.0
0.8
0.6
0.4
0
0.2
8083 F14
0LFM
200LFM
400LFM
LOAD CURRENT (A)
0
3.0
2.5
2.0
1.5
1.0
0
0.5
8083 F09
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 5V
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
3.0
2.5
2.0
1.5
1.0
0
0.5
8083 F12
1.5
0.6
1.2
0.3
0.9
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 36V
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
8083 F15
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com