Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8083 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 3 Page - Analog Devices

  LTM8083 Datasheet HTML 1Page - Analog Devices LTM8083 Datasheet HTML 2Page - Analog Devices LTM8083 Datasheet HTML 3Page - Analog Devices LTM8083 Datasheet HTML 4Page - Analog Devices LTM8083 Datasheet HTML 5Page - Analog Devices LTM8083 Datasheet HTML 6Page - Analog Devices LTM8083 Datasheet HTML 7Page - Analog Devices LTM8083 Datasheet HTML 8Page - Analog Devices LTM8083 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM8083
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8083E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTM8083I is guaranteed over the –40°C to 125°C operating junction
temperature range.
Note 3: The LTM8083 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: See output current derating curves for different VIN, VOUT and TA.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = SVIN = 12V, VEN/UVLO = 1.5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
VIN = SVIN
l
3
V
Output DC Voltage
RFBtop = 113kΩ, RFBbottom open
RFBtop = 113kΩ, RFBbottom = 10kΩ
RFBtop = 113kΩ, RFBbottom = 3.24kΩ
1
12
36
V
V
V
Output DC Current
VIN = 6V, VOUT = 12V
VIN = 12V, VOUT = 12V
VIN = 36V, VOUT = 12V
0.8
1.5
1.5
A
A
A
Quiescent Current into VIN
EN/UVLO = 0V (Shutdown)
EN/UVLO = 1.5V, VOUT = 12V, IOUT = 0A
0.9
2.6
µA
mA
Output Voltage Line Regulation
3V < VIN < 36V, VOUT = 12V, IOUT = 0.1A
l
0.02
0.15
%/V
Output Voltage Load Regulation
VOUT = 12V, 0.0A < IOUT < 1.5A (Note 4)
l
0.5
1.5
%
Output Voltage Ripple
VOUT = 12V, IOUT = 0A
10
mV
Switching Frequency
RT = 178kΩ
RT = 14.3kΩ
300
2000
kHz
kHz
Voltage at FB pin
l
0.985
1
1.015
V
EN/UVLO Rising Threshold
Starts Switching (UVLO)
1.240
V
EN/UVLO Falling Threshold
Stops Switching (UVLO)
l
1.190
1.210
1.230
V
ENUVLO Shutdown Threshold
INTVCC = Disabled
l
0.3
0.6
0.9
V
EN/UVLO Pin Current
EN/UVLO = 0.3V
EN/UVLO = 1.1V
EN/UVLO = 1.3V
–1
2.0
–0.3
0
2.5
0
1
3.0
0.3
µA
µA
µA
OVLO Rising Threshold
l
1.196
1.235
1.250
V
OVLO Falling Threshold
1.055
1.120
1.140
V
ISN Pin Current
VISP = VISN = 12V
VISP = VISN = 0V
23
–10
µA
µA
ISP Pin Current
VISP = VISN = 12V
VISP = VISN = 0V
23
–10
µA
µA
ISP-ISN Current Sense Threshold
VCTRL = Float
VCTRL = 0.75V
96
40
105
52
116
65
mV
mV
ISMON Voltage
VISP = 100mV, VISN = 0V
1.20
1.25
1.30
V
SS Pull-Up Current
VFB = 0.8V, VSS = 0V
32
µA
SS Pull-Down Current
VFB = 1V, VSS = 2V
1.25
µA
SYNC input Low Threshold
0.4
V
SYNC input High Threshold
1.5
V
SYNC Pin Current
–0.1
0
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com