Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8083 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 13Page - Analog Devices LTM8083 Datasheet HTML 14Page - Analog Devices LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices LTM8083 Datasheet HTML 18Page - Analog Devices LTM8083 Datasheet HTML 19Page - Analog Devices LTM8083 Datasheet HTML 20Page - Analog Devices LTM8083 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM8083
17
Rev. 0
For more information www.analog.com
Figure 16. 5V to 12V Derating
Curve, No Heat Sink
Figure 17. 12V to 12V
Derating Curve, No Heat Sink
Figure 18. 36V to 12V Derating
Curve, No Heat Sink
Figure 19. 12V to 36V Derating
Curve, No Heat Sink
Figure 20. 36V to 36V Derating
Curve, No Heat Sink
APPLICATIONS INFORMATION
Table 3. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 14 and 15
5, 12
Figure 8
0
None
23
Figures 14 and 15
5, 12
Figure 8
200
None
18
Figures 14 and 15
5, 12
Figure 8
400
None
16
Table 4. 12V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 16, 17 and 18
5, 12, 36
Figure 10
0
None
23
Figures 16, 17 and 18
5, 12, 36
Figure 10
200
None
18
Figures 16, 17 and 18
5, 12, 36
Figure 10
400
None
16
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
0
0.1
8083 F16
0LFM
200LFM
400LFM
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0
0.05
8083 F19
0LFM
200LFM
400LFM
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
8083 F17
0LFM
200LFM
400LFM
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
8083 F20
0LFM
200LFM
400LFM
30
70
110 120
50
90
60
100
40
80
AMBIENT TEMPERATURE (°C)
8083 F18
0LFM
200LFM
400LFM
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com