Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7431 Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 20Page - Microchip Technology LAN7431 Datasheet HTML 21Page - Microchip Technology LAN7431 Datasheet HTML 22Page - Microchip Technology LAN7431 Datasheet HTML 23Page - Microchip Technology LAN7431 Datasheet HTML 24Page - Microchip Technology LAN7431 Datasheet HTML 25Page - Microchip Technology LAN7431 Datasheet HTML 26Page - Microchip Technology LAN7431 Datasheet HTML 27Page - Microchip Technology LAN7431 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 24
 2018-2019 Microchip Technology Inc.
Ethernet PHY
+1.2V Analog
Power Supply
AVDDL_1
P
1.2V power for analog core
Ethernet PHY
+1.2V Analog
Power Supply
AVDDL_2
P
1.2V power for analog core
(LAN7430 only)
This is an additional power pin for the 1.2V analog core.
PCIe PHY High
Voltage Supply
VPH
P
2.5V PCIe PHY power
PCIe PHY Trans-
mit Supply
VPTX
P
1.2V PCIe PHY TX power
PCIe PHY Analog
and Digital Supply
VP
P
1.2V PCIe PHY power
Variable I/O
Power Supply
Input Group A
VDDVARIO
P
1.8V - 3.3V variable supply for IOs
Variable I/O
Power Supply
Input Group B
VDDVARIO_B
P
1.8V - 3.3V variable supply for RGMII and MII related IOs
(LAN7431 only)
This is the power pin for the RGMII and MII related IOs
(TXD3, TXD2, TXD1, TXD0, TX_ER/MII_EN, TX_CTL/
TX_EN, TXC/TX_CLK, RXC/RX_CLK, RX_CTL/RX_DV,
RXD0, RXD1, RXD2, RXD3, CLK125/RX_ER, REF-
CLK_25/GPIO11, COL/GPIO10, CRS).
OTP Power
VDD_OTP
P
3.3V to OTP charge pump
3.3V supply voltage for PCIe I/Os
(CLKREQ#, WAKE#, PERST#)
Switcher Input
Voltage
VDD_SW_IN
P
1.8V - 3.3V input voltage for switching regulator
Switcher Feed-
back
VDD12_SW_FB
P
Feedback pin for the integrated switching regulator
Note:
Tie this pin to VDD_SW_IN to disable the
switching regulator.
Switcher +1.2V
Unfiltered Output
Voltage
VDD12_SW_OUT
P
1.2V output voltage from switching regulator
LDO Input Voltage
VDD_REG_IN
P
3.3V input supply to the integrated LDO
Note:
If this supply is set to 2.5V than it shall be
externally connected to VDD25_REG_OUT.
See Section 4.0, "Power Connectivity" for
details.
LDO Output
VDD25_REG_OUT
P
2.5V output supply from the integrated LDO
This is used to supply power to the PCIE PHY and
optionally to the Gigabit Ethernet PHY AFE.
Digital Core +1.2V
Power Supply
Input
VDD12CORE
P
1.2V digital core power.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com