Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7431 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 36Page - Microchip Technology LAN7431 Datasheet HTML 37Page - Microchip Technology LAN7431 Datasheet HTML 38Page - Microchip Technology LAN7431 Datasheet HTML 39Page - Microchip Technology LAN7431 Datasheet HTML 40Page - Microchip Technology LAN7431 Datasheet HTML 41Page - Microchip Technology LAN7431 Datasheet HTML 42Page - Microchip Technology LAN7431 Datasheet HTML 43Page - Microchip Technology LAN7431 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 40
 2018-2019 Microchip Technology Inc.
6.12.1
POWER-ON RESET (POR)
A Power-On Reset (POR) occurs whenever power is initially applied to the device, or if power is removed and reapplied
to the device. A timer within the device will assert the internal reset for approximately 20 ms. EEPROM/OTP contents
are loaded by this reset. Configuration straps are also loaded by this reset.
The POR is a combination of four separate POR circuits that measure the voltage on the following domains:
• 3.3V to 1.8V (set for 1.8V typical) - VDDVARIO, VDDVARIO_B
•1.2V - AVDD12, AVDDL_1, AVDDL_2, VPTX, VP, VDD12CORE (monitored on AVDD12 and VDD12CORE)
•2.5V - VPH, AVDDH_1, AVDDH_2 (monitored on VDD25_REG_OUT)
•3.3V - VDD_OTP, AVDDH_1, AVDDH_2 (monitored on VDD_OTP)
6.12.2
EXTERNAL CHIP RESET (RESET_N)
A hardware reset will occur when the RESET_N pin is driven low. Assertion of RESET_N is not required at power-on.
However, if used, RESET_N must be driven low for a minimum period as defined in Section 7.6.4, "Reset Pin Configu-
ration Strap Timing". The RESET_N pin is not pulled-high internally and must be connected to VDDVARIO if unused.
6.12.3
PCIE FUNDAMENTAL RESET
The PCIe fundamental reset uses the PERST# pin, which indicates that the PCIe main power and reference clock are
valid. It is used as a cold reset when the device operates from the main PCIe power source. It is used as a warm reset
when the device operates from the auxiliary PCIe power source and indicates, to the still powered and operational
device, that the main power and / or reference clock are not valid.
6.12.3.1
Warm Reset
A warm reset occurs when the device is operating on auxiliary power or multiplexed main / auxiliary power (VAUX_DET
pin = 1) and PERST# is asserted. The device enters the D3cold state. Warm reset is normally preceded by the PCIe link
being placed into the L2/L3 Ready state. The D3cold state is exited when PERST# deasserts.
6.12.4
HOT RESETS
Hot resets include
• An in-band mechanism for propagating Conventional Reset across a Link
• An in-band mechanism for software to force a Link into Electrical Idle, disabling the Link
• The Data Link Layer reporting DL_Down status.
6.12.5
FUNCTION-LEVEL RESET (FLR)
Function-Level Reset is a software issued reset triggered when the Initiate Function Level Reset bit in the PCIe Device
Control configuration register is set. It is used to reset the device without affection the link state. An FLR starts, is pro-
cessed and then exits.
During an FLR:
• All requests and completions for the function that arrived from the wire before the FLR started are handled by
silently dropping them.
• All requests following the FLR are discarded using Unsupported Request (UR) (for posted and non-posted
requests), and using Unexpected Completion (UC) for completions. Therefore, the software driver should put the
function into a quiescent state (by clearing the BME or otherwise) before initiating an FLR so that the function
does not issue requests in close proximity to the FLR event. Otherwise, any completions from these requests will
dropped later on.
• The function should not issue requests during FLR. Otherwise, completions from these requests (received by the
device after the function has exited FLR) are treated as unexpected and dropped.
• Any outstanding INTx interrupt asserted by the function must be deasserted by sending the corresponding Deas-
sert_INTx Message.
Note:
If configured, the EEPROM/OTP contents are reloaded by this reset. The configuration straps are also
loaded by this reset.
Note:
Resets occur on the release of PERST#, not on the active level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com