Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7431 Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 4Page - Microchip Technology LAN7431 Datasheet HTML 5Page - Microchip Technology LAN7431 Datasheet HTML 6Page - Microchip Technology LAN7431 Datasheet HTML 7Page - Microchip Technology LAN7431 Datasheet HTML 8Page - Microchip Technology LAN7431 Datasheet HTML 9Page - Microchip Technology LAN7431 Datasheet HTML 10Page - Microchip Technology LAN7431 Datasheet HTML 11Page - Microchip Technology LAN7431 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 8
 2018-2019 Microchip Technology Inc.
2.0
INTRODUCTION
2.1
General Description
The LAN7430/LAN7431 is a highly integrated PCIe to Gigabit Ethernet Controller, with IEEE Std 1588TM-2008 and
advanced power management features, that provides a high performance and cost effective PCIe/Ethernet bridging
solution for automotive and industrial applications.
The PCIe 3.1 PHY supports 1 Lane at 2.5GT/s for chip-to-chip and card-to-card connectivity across a combination of
printed circuit boards, connectors, backplane wirings, and cables.
The LAN7430 has an integrated 10/100/1000 Ethernet PHY port with IEEE 802.3az Energy Efficient Ethernet (EEE)
and 10BASE-Te support, while the LAN7431 supports either a RGMII (v1.3 and v2.0) or a MII MAC port for direct con-
nectivity to transceivers, such as 100BASE-T1 or HDBaseT.
The LAN7430/LAN7431 further integrates PCIe Endpoint Controller, DMA Controller, Receive Filtering Engine, FIFO
Controller, Ethernet MAC, EEPROM Controller, OTP Memory, TAP Controller, PME, and Clock/Reset/Power Manage-
ment functions.
The IEEE1588-2008 PTP functions provide hardware support for the IEEE Std 1588-2008 (v2) Precision Time Protocol
(PTP), allowing clock synchronization with remote Ethernet devices, packet time stamping, and time driven event gen-
eration. The device may function as a master or a slave clock per the IEEE Std 1588-2008 specification. End-to-end
and peer-to-peer link delay mechanisms are supported as are one-step and two-step operations.
Power Management functions include:
• Enabling the host to place the device in a reduced power state, by selectively disabling internal clocks, placing it
into EEE Low Power Idle mode, and powering down the Ethernet PHY (LAN7430 only).
• Providing for detection of various wakeup events.
• Providing a host-readable READY flag which is set when the device is fully operational.
• Controlling the loading of OTP or EEPROM values after a system reset.
• Supporting D0 and D3hot and D3cold states
• Supporting L0s, L1 states and L1.1 and L1.2 Sub-states
Single 3.3V supply operation is achieved by enabling the on-chip Switching and LDO Regulators to supply the core and
I/O voltages.
An internal EEPROM controller exists to load PCIe and MAC Address configuration parameters. For EEPROM-less
applications, the LAN7430/LAN7431 provides 1K Bytes of OTP memory that can be used to preload this same config-
uration data before enumeration.
The integrated IEEE 1149.1 compliant TAP controller provides boundary scan via JTAG.
Device specific features that do not pertain to the entire LAN7430/LAN7431 family are called out independently through-
out this document. Table 2-1 provides a summary of the feature differences between family members:
TABLE 2-1:
LAN7430/LAN7431 FAMILY FEATURE MATRIX
LAN7430
48-SQFN
X
X
XX
XXXX
LAN7431
72-SQFN
X
X
X
X
X
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com