Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7431 Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 37Page - Microchip Technology LAN7431 Datasheet HTML 38Page - Microchip Technology LAN7431 Datasheet HTML 39Page - Microchip Technology LAN7431 Datasheet HTML 40Page - Microchip Technology LAN7431 Datasheet HTML 41Page - Microchip Technology LAN7431 Datasheet HTML 42Page - Microchip Technology LAN7431 Datasheet HTML 43Page - Microchip Technology LAN7431 Datasheet HTML 44Page - Microchip Technology LAN7431 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 41
LAN7430/LAN7431
• The device’s non-PCIe functionality is reset.
• The FLR routine exits.
6.12.6
SOFT RESET
This is a software issued reset when the Soft Reset (SRST) bit in the Hardware Configuration Register (HW_CFG) is
set. It is used to completely reset the device as if it was a cold reset.
As with a POR and RESET_N:
• The entire device is reset.
• A timer within the device will assert the internal reset for approximately 20 ms.
• The EEPROM/OTP contents are loaded by this reset.
6.12.7
SOFT-LITE RESET
This is a software issued reset when the Soft Lite Reset (LRST) bit in the Hardware Configuration Register (HW_CFG)
is set. It is used to reset only the device function without resetting the PCIe portion.
6.12.8
POWER MANAGEMENT SOFT RESET
This reset is created when the device’s power state is changed from D3hot to D0u by writing a 00b to the PowerState
field in the Power Management Control/Status PCIe configuration register while the No_Soft_Reset field is clear.
6.12.9
ETHERNET PHY SOFTWARE RESET
The Ethernet PHY software reset is triggered via the Ethernet PHY Reset (ETH_PHY_RST) bit in the Power Manage-
ment Control Register (PMT_CTL). It holds the Ethernet PHY reset for a minimum of 2 ms.
For the LAN7431 (external Ethernet PHY), the PHY_RESET_N pin is asserted during this reset. The Device Ready
(READY) bit in the Power Management Control Register (PMT_CTL) asserts after the 2 ms PHY_RESET_N assertion
interval completes. An optional 125ms delay can be enabled to allow for the external PHY to become ready. This is
enabled with the External PHY Ready Delay Enable (EXT_PHY_RDY_EN) bit.
For the LAN7430 (internal Ethernet PHY), the Device Ready (READY) asserts when the internal PHY is functional, fol-
lowing the reset.
6.12.10
EXTERNAL PHY RESET
The LAN7431 uses the dedicated PHY_RESET_N pin for automatically resetting the external Ethernet PHY. This pin
automatically asserts as part of the reset sequence. The PHY_RESET_N may also be asserted by an Ethernet PHY
Software Reset.
Note:
This reset will cause a detach from the PCIe bus, which may cause host software issues if unexpected.
Note:
Software must stop all RX and TX channels of the DMA controller before setting this bit.
Software must disable all interrupts before setting this bit.
Software must not access any device Control and Status Registers (PCIe Configuration Space registers
excluded) for at least 5µS after setting Soft Lite Reset (LRST).
Software should verify that Soft Lite Reset (LRST) has self-cleared before performing any device opera-
tions or setting any device CSRs (PCIe Configuration Space registers excluded)
APPLICATION NOTE:
Although some registers are returned to their last EEPROM or OTP specified default upon
a Soft Like Reset (LRST), the device does not automatically reload its full configuration
(including the User Initialization Table) from OTP or EEPROM. If necessary or desired,
software may issue a Host Initiated EEPROM or OTP Reload.
Note:
The Ethernet PHY Software Reset is not a chip-level reset. It resets only the Ethernet PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com