Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7431 Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 4 Page - Microchip Technology

  LAN7431 Datasheet HTML 1Page - Microchip Technology LAN7431 Datasheet HTML 2Page - Microchip Technology LAN7431 Datasheet HTML 3Page - Microchip Technology LAN7431 Datasheet HTML 4Page - Microchip Technology LAN7431 Datasheet HTML 5Page - Microchip Technology LAN7431 Datasheet HTML 6Page - Microchip Technology LAN7431 Datasheet HTML 7Page - Microchip Technology LAN7431 Datasheet HTML 8Page - Microchip Technology LAN7431 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 4
 2018-2019 Microchip Technology Inc.
1.0
PREFACE
1.1
General Terms
TABLE 1-1:
GENERAL TERMS
Term
Description
1000BASE-T
1 Gbps Ethernet over twisted pair, IEEE 802.3 compliant
100BASE-TX
100 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-T
10 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
ADC
Analog-to-Digital Converter
AFE
Analog Front End
AN, ANEG
Auto-Negotiation
AOAC
Always on Always Connected
ARP
Address Resolution Protocol
BELT
Best Effort Latency Tolerance
BYTE
8-bits
CSMA/CD
Carrier Sense Multiple Access/Collision Detect
CSR
Control and Status Register
DA
Destination Address
DWORD
32-bits
EC
Embedded Controller
EEE
Energy Efficient Ethernet
FCS
Frame Check Sequence
FIFO
First In First Out buffer
FSM
Finite State Machine
FW
Firmware
GMII
Gigabit Media Independent Interface
GPIO
General Purpose I/O
HOST
External system (Includes processor, application software, etc.)
HW
Hardware. Refers to function implemented by digital logic.
IGMP
Internet Group Management Protocol
LDO
Linear Drop-Out Regulator
Level-Triggered Sticky Bit
This type of status bit is set whenever the condition that it represents is asserted. The
bit remains set until the condition is no longer true, and the status bit is cleared by
writing a zero.
LFSR
Linear Feedback Shift Register
LPM
Link Power Management
lsb
Least Significant Bit
LSB
Least Significant Byte
LTM
Latency Tolerance Messaging
MAC
Media Access Controller
MDI
Medium Dependent Interface
MDIX
Media Independent Interface with Crossover
MEF
Multiple Ethernet Frames
MII
Media Independent Interface
MLT-3
Multi-Level Transmission Encoding (3-Levels). A tri-level encoding method where a
change in the logic level represents a code bit “1” and the logic output remaining at
the same level represents a code bit “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com