Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 7Page - STMicroelectronics STM1061 Datasheet HTML 8Page - STMicroelectronics STM1061 Datasheet HTML 9Page - STMicroelectronics STM1061 Datasheet HTML 10Page - STMicroelectronics STM1061 Datasheet HTML 11Page - STMicroelectronics STM1061 Datasheet HTML 12Page - STMicroelectronics STM1061 Datasheet HTML 13Page - STMicroelectronics STM1061 Datasheet HTML 14Page - STMicroelectronics STM1061 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
STM1061
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings” table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 3. Absolute Maximum Ratings
Note: 1. Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C for between 90 to 150
seconds).
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature (VCC Off, VBAT Off)
–55 to 150
°C
TSLD
(1)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltage
–0.3 to VCC +0.3
V
VCC
Supply Voltage
0.7 to 6.0
V
IO
Output Current
20
mA
PD
Power Dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com