Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 13Page - STMicroelectronics STM1061 Datasheet HTML 14Page - STMicroelectronics STM1061 Datasheet HTML 15Page - STMicroelectronics STM1061 Datasheet HTML 16Page - STMicroelectronics STM1061 Datasheet HTML 17Page - STMicroelectronics STM1061 Datasheet HTML 18Page - STMicroelectronics STM1061 Datasheet HTML 19Page - STMicroelectronics STM1061 Datasheet HTML 20Page - STMicroelectronics STM1061 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/21
STM1061
Note: 1. Contact local ST sales office for availability.
47(1)
4.606
4.700
4.794
47Nx
48(1)
4.704
4.800
4.896
48Nx
49(1)
4.802
4.900
4.998
49Nx
50(1)
4.900
5.000
5.100
50Nx
51(1)
4.998
5.100
5.202
51Nx
52(1)
5.096
5.200
5.304
52Nx
53(1)
5.194
5.300
5.406
53Nx
54(1)
5.292
5.400
5.508
54Nx
55(1)
5.390
5.500
5.610
55Nx
Suffix
Threshold Voltage VTH– (V) at TA = 25°C
Topside Marking
Min (–2%)
Typ
Max (+2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com