Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 13Page - STMicroelectronics STM1061 Datasheet HTML 14Page - STMicroelectronics STM1061 Datasheet HTML 15Page - STMicroelectronics STM1061 Datasheet HTML 16Page - STMicroelectronics STM1061 Datasheet HTML 17Page - STMicroelectronics STM1061 Datasheet HTML 18Page - STMicroelectronics STM1061 Datasheet HTML 19Page - STMicroelectronics STM1061 Datasheet HTML 20Page - STMicroelectronics STM1061 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
STM1061
PART NUMBERING
Table 8. Ordering Information Scheme
Note: 1. Contact local sales office for availability.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
STM1061
N
xx
WX
6
F
Device Type
STM1061
Output Type
N = Open Drain (Active-Low)
Threshold Voltage (1.6V to 5.5V, 0.1V increments)
xx = See Table 9., page 18
Package
WX = SOT23-3
W = SOT323-3 (SC70-3)(1)
Temperature Range
6 = –40 to 85°C
Shipping Method
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com