Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 9Page - STMicroelectronics STM1061 Datasheet HTML 10Page - STMicroelectronics STM1061 Datasheet HTML 11Page - STMicroelectronics STM1061 Datasheet HTML 12Page - STMicroelectronics STM1061 Datasheet HTML 13Page - STMicroelectronics STM1061 Datasheet HTML 14Page - STMicroelectronics STM1061 Datasheet HTML 15Page - STMicroelectronics STM1061 Datasheet HTML 16Page - STMicroelectronics STM1061 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
STM1061
Table 5. DC and AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 25°C.
Sym
Description
Test Condition(1)
Min
Typ
Max
Unit
VCC
Operating Voltage
0.7
6.0
V
ICC
VCC Supply Current
VCC = 3.0V, No Load
0.9
3.0
µA
VCC = 5.5V, No Load
1.1
3.6
µA
IOUT
Output Current, N-channel
(VDS = 0.5V),
Reset asserted
VCC = 1.0V
1.0
1.7
mA
VCC = 2.0V
3.0
14
mA
VCC = 3.0V
5.0
22
mA
VCC = 4.0V
6.0
26
mA
VCC = 5.0V
7.0
30
mA
Voltage Thresholds
VTH–
Detect Voltage
(see Table 9., page 18 for
detailed listing)
VTH– – 2%
VTH–
VTH– + 2%
V
VTH+
Release Voltage
VTH– +
VHYST
V
VHYST
Threshold Hysteresis
0.02
VTH–
0.05
VTH–
0.08
VTH–
V
tPD
VCC to OUT Detect Delay
VCC falling from
(VTH– + 100mV) to
(VTH– – 100mV)
at 10mV/µs
25
µs
tPR
VCC to OUT Release Delay
VCC rising from
(VTH+ – 100mV) to
(VTH+ + 100mV)
at 10mV/µs
30
200
µs
Threshold Temperature
Coefficient
±100
ppm/
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com