Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 13Page - STMicroelectronics STM1061 Datasheet HTML 14Page - STMicroelectronics STM1061 Datasheet HTML 15Page - STMicroelectronics STM1061 Datasheet HTML 16Page - STMicroelectronics STM1061 Datasheet HTML 17Page - STMicroelectronics STM1061 Datasheet HTML 18Page - STMicroelectronics STM1061 Datasheet HTML 19Page - STMicroelectronics STM1061 Datasheet HTML 20Page - STMicroelectronics STM1061 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
STM1061
18/21
Table 9. Factory-Trimmed Thresholds with Marking Description
Suffix
Threshold Voltage VTH– (V) at TA = 25°C
Topside Marking
Min (–2%)
Typ
Max (+2%)
16
1.568
1.600
1.632
16Nx
17
1.666
1.700
1.734
17Nx
18(1)
1.764
1.800
1.836
18Nx
19(1)
1.862
1.900
1.938
19Nx
20(1)
1.960
2.000
2.040
20Nx
21(1)
2.058
2.100
2.142
21Nx
22
2.156
2.200
2.244
22Nx
23
2.254
2.300
2.346
23Nx
24(1)
2.352
2.400
2.448
24Nx
25(1)
2.450
2.500
2.550
25Nx
26
2.548
2.600
2.652
26Nx
27
2.646
2.700
2.754
27Nx
28
2.744
2.800
2.856
28Nx
29
2.842
2.900
2.958
29Nx
30(1)
2.940
3.000
3.060
30Nx
31
3.038
3.100
3.162
31Nx
32(1)
3.136
3.200
3.264
32Nx
33(1)
3.234
3.300
3.366
33Nx
34
3.332
3.400
3.468
34Nx
35(1)
3.430
3.500
3.570
35Nx
36(1)
3.528
3.600
3.672
36Nx
37(1)
3.626
3.700
3.774
37Nx
38(1)
3.724
3.800
3.876
38Nx
39(1)
3.822
3.900
3.978
39Nx
40(1)
3.920
4.000
4.080
40Nx
41(1)
4.018
4.100
4.182
41Nx
42(1)
4.116
4.200
4.284
42Nx
43(1)
4.214
4.300
4.386
43Nx
44(1)
4.312
4.400
4.488
44Nx
45(1)
4.410
4.500
4.590
45Nx
46(1)
4.508
4.600
4.692
46Nx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com