Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511A Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 27Page - Microchip Technology MCP39F511A Datasheet HTML 28Page - Microchip Technology MCP39F511A Datasheet HTML 29Page - Microchip Technology MCP39F511A Datasheet HTML 30Page - Microchip Technology MCP39F511A Datasheet HTML 31Page - Microchip Technology MCP39F511A Datasheet HTML 32Page - Microchip Technology MCP39F511A Datasheet HTML 33Page - Microchip Technology MCP39F511A Datasheet HTML 34Page - Microchip Technology MCP39F511A Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 31
MCP39F511A
ADC Offset Registers
0x007A
OFFCAL_MSB
9.5.2
R/W
b16
MSbs of the 24-bit offset values for CH0
(current channel)
and CH1 (voltage channel)
0x007C
OFFCAL_CH0
9.5.2
R/W
b16
Lower 16-bit of the 24-bit offset for CH0
(current channel)
0x007E
OFFCAL_CH1
9.5.2
R/W
b16
Lower 16-bit of the 24-bit offset for CH1
(voltage channel)
Temperature Compensation Registers
0x0080
TempPosCompFrequency
9.7
R/W
u16
Temperature compensation for frequency
for T > TCAL
0x0082
TempNegCompFrequency
9.7
R/W
u16
Temperature compensation for frequency
for T < TCAL
0x0084
TempPosCompCurrent
9.7
R/W
u16
Temperature compensation for current
for T > TCAL
0x0086
TempNegCompCurrent
9.7
R/W
u16
Temperature compensation for current
for T < TCAL
0x0088
TempPosCompPower
9.7
R/W
u16
Temperature compensation for power
for T > TCAL
0x008A
TempNegCompPower
9.7
R/W
u16
Temperature compensation for power
for T < TCAL
0x008C
Reserved
—
R
u16
Reserved
0x008E
Reserved
—
R
u16
Reserved
0x0090
Reserved
—
R
u16
Reserved
0x0092
Reserved
—
R
u16
Reserved
Design Configuration Registers
0x94
System Configuration
6.5
R/W
b32
Control for device configuration, including
ADC configuration
0x98
Event Configuration
7.0
R/W
b32
Settings for the event pins including relay
control
0x9C
Range
6.6
R/W
b32
Scaling factor for outputs
0xA0
Calibration Current
9.3.1
R/W
u32
Target current to be used during
single-point calibration
0xA4
Calibration Voltage
9.3.1
R/W
u16
Target voltage to be used during
single-point calibration
0xA6
Calibration Power Active
9.3.1
R/W
u32
Target active power to be used during
single-point calibration
0xAA
Calibration Power Reactive
9.3.1
R/W
u32
Target active power to be used during
single-point calibration
0x00AE
Reserved
—
R
u32
Reserved
0x00B2
Reserved
—
R
u32
Reserved
0x00B6
Reserved
—
R
u32
Reserved
0x00BA
Reserved
—
R
u16
Reserved
0x00BC
Reserved
—
R
u16
Reserved
TABLE 6-1:
MCP39F511A REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status register.
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters, please contact the local Microchip
office for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com