Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511A Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 49Page - Microchip Technology MCP39F511A Datasheet HTML 50Page - Microchip Technology MCP39F511A Datasheet HTML 51Page - Microchip Technology MCP39F511A Datasheet HTML 52Page - Microchip Technology MCP39F511A Datasheet HTML 53Page - Microchip Technology MCP39F511A Datasheet HTML 54Page - Microchip Technology MCP39F511A Datasheet HTML 55Page - Microchip Technology MCP39F511A Datasheet HTML 56Page - Microchip Technology MCP39F511A Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 53
MCP39F511A
REGISTER 9-4:
VOLTAGEDROPCOMP
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VOLTAGEDROPCOMP<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VOLTAGEDROPCOMP<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
VOLTAGEDROPCOMP<15:0>:
Voltage Drop Compensation register
REGISTER 9-5:
INCAPCURRENTCOMP
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INCAPCURRENTCOMP<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INCAPCURRENTCOMP<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
INCAPCURRENTCOMP<15:0>:
Input Capacitor Current Compensation register
REGISTER 9-6:
RANGEVDROPINCAPCOMP
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
VOLTAGEDROP<7:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INCAPCURRENT<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
VOLTAGEDROP<7:0>:
Sets the number of right-bit shifts for the VoltageDropComp register
bit 7-0
INCAPCURRENT<7:0>:
Sets the number of right-bit shifts for the InCapCurrentComp register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com