Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511A Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 31Page - Microchip Technology MCP39F511A Datasheet HTML 32Page - Microchip Technology MCP39F511A Datasheet HTML 33Page - Microchip Technology MCP39F511A Datasheet HTML 34Page - Microchip Technology MCP39F511A Datasheet HTML 35Page - Microchip Technology MCP39F511A Datasheet HTML 36Page - Microchip Technology MCP39F511A Datasheet HTML 37Page - Microchip Technology MCP39F511A Datasheet HTML 38Page - Microchip Technology MCP39F511A Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 35
MCP39F511A
Each converter can be placed in Shutdown mode
independently. This mode is only available through
programming of the SHUTDOWN<1:0> bits in the
System Configuration Register register.
Note:
The PHASE register can be used to
serially Soft Reset the ADCs, without
using the RESET bits in the Configuration
register, if the same value is written in the
PHASE register.
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
—
—
PGA_CH1<2:0>
PGA_CH0<2:0>
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
UART<2:0>1
ZCD_INV
ZCD_PULS
ZCD_OUTPUT_DIS
—
SINGLE_WIRE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TEMPCOMP
RESET<1:0>
SHUTDOWN<1:0>
VREFEXT
PWM_CNTRL ENRG_CNTRL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-30
Unimplemented
: Read as ‘0’
bit 29-27
PGA_CH1 <2:0>:
PGA Setting for the voltage channel.
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1 (Default)
bit 26-24
PGA_CH0 <2:0>:
PGA Setting for the current channel.
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8 (Default)
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1
bit 23-16
Unimplemented
: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com