Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511A Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 44Page - Microchip Technology MCP39F511A Datasheet HTML 45Page - Microchip Technology MCP39F511A Datasheet HTML 46Page - Microchip Technology MCP39F511A Datasheet HTML 47Page - Microchip Technology MCP39F511A Datasheet HTML 48Page - Microchip Technology MCP39F511A Datasheet HTML 49Page - Microchip Technology MCP39F511A Datasheet HTML 50Page - Microchip Technology MCP39F511A Datasheet HTML 51Page - Microchip Technology MCP39F511A Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
MCP39F511A
DS20006044A-page 48
 2018 Microchip Technology Inc.
9.4
Calibrating the Phase
Compensation Register
Phase compensation is provided to adjust for any
phase delay between the current and voltage path.
This procedure requires sinusoidal current and voltage
waveforms, with a significant phase shift between
them, and significant amplitudes. The recommended
displacement power factor for calibration is 0.5. The
procedure for calculating the phase compensation
register is as follows:
1.
Determine what the difference is between the
angle corresponding to the measured power
factor (PFMEAS) and the angle corresponding to
the expected power factor (PFEXP), in degrees.
EQUATION 9-7:
2.
Convert this from degrees to the resolution
provided in Equation 9-8. There are 56 samples
per line cycle. One line cycle is 360 degrees, so
for each sample the angle is 360 degrees/56
samples = 6.42857 degrees/sample. Since the
phase compensation has a bit of sign, the
maximum angle error that can be compensated
is only half, that is ±3.21 degrees. Converting
the angle to 8-bit resolution gives 256/6.42857
degrees = 39.82 with 40 as an approximation.
EQUATION 9-8:
3.
Combine this additional phase compensation to
whatever value is currently in the phase
compensation,
and
update
the
register.
Equation 9-9 should be computed in terms of an
8-bit 2's complement-signed value. The 8-bit
result is placed in the least significant byte of the
16-bit Phase Compensation register.
EQUATION 9-9:
Based on Equation 9-9, the maximum angle in degrees
that can be compensated is approximately ±3.2
degrees. If a larger phase shift is required, contact your
local Microchip sales office.
9.5
Offset/No-Load Calibrations
During offset calibrations, it is recommended that no
line voltage or current be applied to the system. The
system should be in a no-load condition.
9.5.1
AC OFFSET CALIBRATION
There are three registers associated with the AC Offset
Calibration:
• Offset Current RMS
• Offset Active Power
• Offset Reactive Power
When computing the AC offset values, the respective
gain and range registers should be taken into
consideration according to the block diagrams in
Figures 5-2 and 5-4.
After
a
successful
offset
calibration,
a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
9.5.2
DC OFFSET CALIBRATION
In DC applications, the high-pass filters on the current
and voltage channels are turned off. There are two
registers associated with the DC Offset Calibration:
• DC Offset Current RMS
• DC Offset Active Power
In addition to that, full access to the ADC's internal
24-bit Offset registers is provided.
PF
MEAS
Value in PowerFactor Register
32768
---------------------------------------------------------------------------
=
ANGLE
MEAS

PF
MEAS
 180
---------
acos
=
ANGLE
EXP

PF
EXP
 180
---------
acos
=
ANGLE
MEAS
ANGLE
EXP
–
 40
=
PhaseCompensation
NEW
PhaseCompensation
OLD
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com