Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511A Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 48Page - Microchip Technology MCP39F511A Datasheet HTML 49Page - Microchip Technology MCP39F511A Datasheet HTML 50Page - Microchip Technology MCP39F511A Datasheet HTML 51Page - Microchip Technology MCP39F511A Datasheet HTML 52Page - Microchip Technology MCP39F511A Datasheet HTML 53Page - Microchip Technology MCP39F511A Datasheet HTML 54Page - Microchip Technology MCP39F511A Datasheet HTML 55Page - Microchip Technology MCP39F511A Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
MCP39F511A
DS20006044A-page 52
 2018 Microchip Technology Inc.
The PCB traces and the inductors resistance cause a
voltage drop when high currents are flowing through
them.
The higher the current is, the higher the error of the
voltage RMS measurement.
This voltage drop can be compensated using the
VoltageDropComp register (enabled in DC and AC
mode).
EQUATION 9-12:
EXAMPLE 9-2:
yx
cI
2
M
----------
+
=
Where:
x = Uncompensated voltage RMS
y = Compensated voltage RMS
c = Compensation value found in
VoltageDropComp register
I = Measured current RMS
M = VOLTAGEDROP
value
found
in
RANGEVDROPINCAPCOMP register
A 0.1
 resistor at 10A [rms] corresponds to an offset
voltage of 1V [rms].
c
yx
–
 2
M
I
-----------------------------
=
Where:
y -x = offset value
M = 28 (default value)
c = 10 * 268435456 / 100000
c = 26843, this is the value that should be written to
the VoltageDropComp register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com