Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2942 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD2942
Description  RF Power Transistors HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2942 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SD2942 Datasheet HTML 2Page - STMicroelectronics SD2942 Datasheet HTML 3Page - STMicroelectronics SD2942 Datasheet HTML 4Page - STMicroelectronics SD2942 Datasheet HTML 5Page - STMicroelectronics SD2942 Datasheet HTML 6Page - STMicroelectronics SD2942 Datasheet HTML 7Page - STMicroelectronics SD2942 Datasheet HTML 8Page - STMicroelectronics SD2942 Datasheet HTML 9Page - STMicroelectronics SD2942 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
3 Typical Performance
SD2942
6/14
3
Typical Performance
Figure 2.
Capacitance Vs Drain Voltage
Figure 3.
Drain Current Vs Gate Voltage
Figure 4.
Gate Source Voltage Vs Case Temp. Figure 5.
Safe Operating Area
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
55
Vdd (V)
Freq = 1 MHz
COSS
CISS
CRSS
0
2
4
6
8
10
12
14
16
18
20
01
23
4
5
6
Vgs (V)
Vds = 10 V
Tc = +80 °C
Tc = +25 °C
Tc = -20 °C
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-25
0
25
50
75
100
Tc (
o
C)
Id = 0.1 A
Id = 0.25 A
Id = 1 A
Id = 2 A
Id = 4 A
Id = 11 A Id = 10 A
Id = 9 A
Id = 7 A
Id = 5 A
1
10
100
1
10
100
1000
Vds (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com