Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2942 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SD2942
Description  RF Power Transistors HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2942 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SD2942 Datasheet HTML 4Page - STMicroelectronics SD2942 Datasheet HTML 5Page - STMicroelectronics SD2942 Datasheet HTML 6Page - STMicroelectronics SD2942 Datasheet HTML 7Page - STMicroelectronics SD2942 Datasheet HTML 8Page - STMicroelectronics SD2942 Datasheet HTML 9Page - STMicroelectronics SD2942 Datasheet HTML 10Page - STMicroelectronics SD2942 Datasheet HTML 11Page - STMicroelectronics SD2942 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3 Typical Performance
SD2942
8/14
Figure 10. Pout Vs Gate Voltage & Case Temp. Figure 11. Pout Vs Drain Voltage & Input Power
Figure 12. Max. Therm. Resist Vs Case Temp.
0
50
100
150
200
250
300
350
400
450
500
-4
-3
-2
-1
0
1234
Vgs (V)
Freq = 175 MHz
Idq = 2 x 250mA
Pin = 7W
+80°C
+25°C
- 20°C
100
150
200
250
300
350
400
450
500
24
28
32
36
40
44
48
52
Vdd (V)
Freq = 175 MHz
Idq = 2 x 250mA
Pin = 5W
Pin = 7W
Pin = 10W
0.34
0.36
0.38
0.40
0.42
25
30
35
40
45
50
55
60
65
70
75
80
85
Tc (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com