Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2942 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD2942
Description  RF Power Transistors HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2942 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD2942 Datasheet HTML 3Page - STMicroelectronics SD2942 Datasheet HTML 4Page - STMicroelectronics SD2942 Datasheet HTML 5Page - STMicroelectronics SD2942 Datasheet HTML 6Page - STMicroelectronics SD2942 Datasheet HTML 7Page - STMicroelectronics SD2942 Datasheet HTML 8Page - STMicroelectronics SD2942 Datasheet HTML 9Page - STMicroelectronics SD2942 Datasheet HTML 10Page - STMicroelectronics SD2942 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SD2942
3 Typical Performance
7/14
Figure 6.
Power Gain Vs Pout and Case Temp. Figure 7.
Efficiency Vs Pout and Case Temp.
Figure 8.
Pout Vs Input Power and Case Temp Figure 9.
Pout Vs Input Power & Drain Voltage
12
13
14
15
16
17
18
19
20
0
50
100
150
200
250
300
350
400
450
500
Pout (W)
Vdd = 50V
Idq = 2 x 250mA
Freq = 175 MHz
-20°C
+25°C
+80°C
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
350
400
450
500
Pout (W)
Vdd = 50V
Idq = 2 x 250mA
Freq = 175 MHz
-20°C
+25°C
+80°C
0
50
100
150
200
250
300
350
400
450
500
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Pin (W)
Vdd = 50V
Idq = 2 x 250mA
Freq = 175 MHz
-20°C
+25°C
+80°C
0
50
100
150
200
250
300
350
400
450
500
012
3
4567
8
9
10
11
12 13
14
15
Pin (W)
Freq = 175 MHz
Idq = 2 x 250mA
40V
50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com