Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2942 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2942
Description  RF Power Transistors HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2942 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2942 Datasheet HTML 1Page - STMicroelectronics SD2942 Datasheet HTML 2Page - STMicroelectronics SD2942 Datasheet HTML 3Page - STMicroelectronics SD2942 Datasheet HTML 4Page - STMicroelectronics SD2942 Datasheet HTML 5Page - STMicroelectronics SD2942 Datasheet HTML 6Page - STMicroelectronics SD2942 Datasheet HTML 7Page - STMicroelectronics SD2942 Datasheet HTML 8Page - STMicroelectronics SD2942 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1 Electrical Data
SD2942
4/14
1.3
Electrical Characteristics (TCASE = 25°C)
Table 3.
Static (per section)
Table 4.
Dynamic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
(1)
1.
TJ = 150°C
VGS = 0 V
IDS = 100 mA
130
V
IDSS
VGS = 0 V
VDS = 50 V
50
µA
IGSS
VGS = 20 V
VDS = 0 V
250
nA
VGS(Q)
VDS = 10 V
ID = 250 mA
1.5
4
V
VDS(ON)
VGS = 10 V
ID = 10 A
3.0
V
GFS
VDS = 10 V
ID = 5 A
5mho
CISS
VGS = 0 V
VDS = 50 V
f = 1 MHz
415
pF
COSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
236
pF
CRSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
17
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 50 V IDQ = 500 mA
f = 175MHz
350
W
GPS
VDD = 50 V IDQ = 500 mA POUT = 350 W
f = 175MHz
15
17
dB
ηD
VDD = 50 V IDQ = 500 mA POUT = 350 W
f = 175MHz
55
61
%
Load
Mismatch
VDD = 50 V IDQ = 500 mA POUT = 350 W
f = 175MHz
All Phase Angles
5:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com