Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2942 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SD2942
Description  RF Power Transistors HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2942 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD2942 Datasheet HTML 6Page - STMicroelectronics SD2942 Datasheet HTML 7Page - STMicroelectronics SD2942 Datasheet HTML 8Page - STMicroelectronics SD2942 Datasheet HTML 9Page - STMicroelectronics SD2942 Datasheet HTML 10Page - STMicroelectronics SD2942 Datasheet HTML 11Page - STMicroelectronics SD2942 Datasheet HTML 12Page - STMicroelectronics SD2942 Datasheet HTML 13Page - STMicroelectronics SD2942 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4 Test Circuit
SD2942
10/14
Table 6.
175 MHz Test Circuit Component Part List
Symbol
Description
R1,R2,R5,R6
470
Ω 1 W, Surface Mount Chip Resistor
R3,R4
360
Ω 0.5 W, Carbon Comp. Axial Lead Resistor or Equivalent
R7,R8
560
Ω 2 W, Resistor Two Turn Wire Air-Wound Axial Lead Resistor
R9,R10
20 K
Ω 3.09 W, 10 Turn Wirewound Precision Potentiometer
C1,C4
680 pF ATC 130B Surface Mount Ceramic Chip Capacitor
C2,C3,C7,C8,C17,C19,C20,C21
10000 pF ATC 200B Surface Mount Ceramic Chip Capacitor
C5
75 pF ATC 100B Surface Mount Ceramic Chip Capacitor
C6
ST40 25 pF - 115 pF Miniature variable Trimmer
C9,C10
47 pF ATC 100B Surface Mount Ceramic Chip Capacitor
C11,C12, C13
43 pF ATC 100B Surface Mount Ceramic Chip Capacitor
C14,C15,C24,C25
1200 pF ATC 700B Surface Mount Ceramic Chip Capacitor
C16,C18
470 pF ATC 700B Surface Mount Ceramic Chip Capacitor
C22,C23
0.1
µF / 500 V Surface Mount Ceramic Chip Capacitor
C26,C27
0.01
µF / 500 V Surface Mount Ceramic Chip Capacitor
C28
10
µF / 63 Aluminum Electrolytic Axial Lead Capacitor
B1
50
Ω RG316 O.D 0.076[1.93] L = 11.80[299.72] Flexible Coaxial Cable 4
Turns thru Fair-rite Bead
B2
50
Ω RG-142B O.D 0.165[4.19] L = 11.80[299.72] Flexible Coaxial Cable
T1
R.F. Transformer 4:1, 25
Ω O.D RG316-25 O.D 0.080[2.03] L = 5.90[149.86]
Flexible Coaxial Cable 2 Turns thru Fair-rite Multi-Aperture Core
T2
R.F. Transformer 1:4, 25
Ω Semi-rigid Coaxial Cable O.D. 0.141[3.58] L =
5.90[149.86]
L1
Inductor
λ 1/4 Wave 50 Ω O.D 0.165[4.19] L = 11.80 [299.72] Flexible Coaxial
Cable 2 Turns thru Fair-rite Bead
FB1,FB5
Shield Bead
FB2,FB6
Multi-aperture Core
FB3
Multilayer Ferrite Chip Bead (Surface Mount)
FB4
Surface Mount Emi Shield Bead
PCB
Woven Glass Reinforced PTFE Microwave Laminate 0.06”, 1 oz EDCu, Both
sides,
εr = 2.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com