Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS212ZXHT Datasheet HTML 8Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 9Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 10Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 11Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 12Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 13Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 14Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 15Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 AC Coupling Caps
Many interfaces require AC coupling between the transmitter and receiver. The 0402 capacitors are the
preferred option to provide AC coupling, and the 0603 size capacitors also work. The 0805 size capacitors and
C-packs should be avoided. When placing AC coupling capacitors symmetric placement is best. A capacitor
value of 0.1 µF is best and the value should be match for the ± signal pair. The placement should be along the
TX pairs on the system board, which are usually routed on the top layer of the board. There are several
placement options for the AC coupling capacitors. Because the switch requires a bias voltage, the capacitors
must only be placed on one side of the switch. If they are placed on both sides of the switch, a biasing voltage
should be provided. A few placement options are shown below. In Figure 9-1, the coupling capacitors are placed
between the switch and endpoint. In this situation, the switch is biased by the system/host controller.
Device/
Endpoint
RX
TX
Device/
Endpoint
RX
TX
Port A
Port A
Port B
Port B
System/Host
Controller
RX
TX
Figure 9-1. AC Coupling Capacitors Between Switch TX and Endpoint TX
In Figure 9-2, the coupling capacitors are placed on the host transmit pair and endpoint transmit pair. In this
situation, the switch on the top is biased by the endpoint and the lower switch is biased by the host controller.
Device/
Endpoint
RX
TX
Device/
Endpoint
RX
TX
Port A
Port A
Port B
Port B
System/Host
Controller
RX
TX
Figure 9-2. AC Coupling Capacitors on Host TX and Endpoint TX
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com