Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS212ZXHT Datasheet HTML 1Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 2Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 3Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 4Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 5Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 6Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 7Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 8Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Function.....................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Typical Characteristics................................................ 7
7 Parameter Measurement Information............................ 8
7.1 Test Timing Diagrams................................................. 8
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................10
8.4 Device Functional Modes..........................................11
9 Application and Implementation.................................. 12
9.1 Application Information............................................. 12
9.2 Typical Application.................................................... 13
10 Layout...........................................................................16
10.1 Layout Guidelines................................................... 16
10.2 Layout Example...................................................... 16
11 Device and Documentation Support..........................17
11.1 Receiving Notification of Documentation Updates.. 17
11.2 Community Resource..............................................17
11.3 Trademarks............................................................. 17
12 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2016) to Revision D (December 2020)
Page
• NOTE: The device in the MicroStar Jr. BGA packaging were redesigned using a laminate nFBGA package.
This nFBGA package offers datasheet-equivalent electrical performance. It is also footprint equivalent to the
MicroStar Jr. BGA. The new package designator in place of the discontinued package designator will be
updated throughout the datasheet......................................................................................................................1
• Changed u*jr BGA to nFBGA............................................................................................................................. 1
• Changed u*jr ZQE to nFBGA ZXH. Updated thermal information...................................................................... 5
• Corrected typo from HD3SS3412 to HD3SS212.............................................................................................. 16
Changes from Revision B (January 2014) to Revision C (October 2016)
Page
• Added Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .......... 1
• Deleted Ordering Information table. See POA at the end of the datasheet. ......................................................1
Changes from Revision A (March 2012) to Revision B (January 2014)
Page
• Changed OE to OE throughout document..........................................................................................................1
Changes from Revision * (December 2011) to Revision A (March 2012)
Page
• Changed Description From: full industrial temperature range of –40°C to 85°C To: full industrial temperature
range of –40°C to 105°C.....................................................................................................................................1
• Added Operating Temperature to the Abs Max Table.........................................................................................5
• Changed the Operating free-air temperature From MAX = 85°C To: 105°C...................................................... 5
• Changed the values of ψJT and ψJB in the Thermal Information table................................................................5
• Changed the MAX value of Leakage current (Dx_SEL), VDD = 0 V From: 8µA To: 10µA................................. 6
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com