Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button HD3SS212ZXHT Datasheet HTML 10Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 11Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 12Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 13Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 14Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 15Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 16Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 17Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
• Use controlled-impedance transmission media for all the differential signals
• Ensure the received complimentary signals are with a differential amplitude of < 1800 mVpp and a common-
mode voltage of < 2V.
9.2.3 Application Curves
Frequency - Hz
1E8
1E9
1E10
2E8
-30
-25
-20
-15
-10
-5
0
Figure 9-5. Insertion Loss and -3dB Bandwidth
Frequency - Hz
1E8
1E9
1E10 2E10
-30
-25
-20
-15
-10
-5
0
Figure 9-6. Return Loss
Frequency - Hz
1E8
1E9
1E10 2E10
-80
-100
-60
-40
-20
0
Figure 9-7. OF Isolation
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com