Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button HD3SS212ZXHT Datasheet HTML 12Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 13Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 14Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 15Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 16Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 17Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 18Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 19Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
10 Layout
10.1 Layout Guidelines
• Decoupling caps should be placed next to each power terminal on the HD3SS212. Take care to minimize the
stub length of the race connecting the capacitor to the power pin.
• Avoid sharing vias between multiple decoupling caps
• Place vias as close as possible to the decoupling cop solder pad
• Widen VDD/GND planes to reduce effect if static and dynamic IR drop
• The VBUS traces/planes must be wide enough to carry maximum of 2-A current
10.2 Layout Example
VDD3P3
GND
SEL
VBUS
VDD3P3
VSS
AX+
AX-
BX+
BX-
CX+
CX-
Use controlled-impedance
Transmission media for all
Differential signals
3.3V Logic level
VBUS traces wide
enough to carry 2A
current
Figure 10-1. Layout Example
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com