Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212ZXHT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 23 Page - Texas Instruments

Back Button HD3SS212ZXHT Datasheet HTML 18Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 19Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 20Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 21Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 22Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 23Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 24Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 25Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
NanoFree is a trademark of Texas Instruments.
PACKAGE OUTLINE
4225133 /A 08/2019
www.ti.com
NFBGA - 1 mm max height
PLASTIC BALL GRID ARRAY
ZXH0048A
A
0.08 C
0.15
C A B
0.05
C
B
SYMM
BALL A1 CORNER
BALL TYP
SYMM
1
SEATING PLANE
C
5.1
4.9
5.1
4.9
1 MAX
0.25
0.15
4 TYP
4
TYP
(0.5) TYP
(0.5) TYP
0.5 TYP
0.5 TYP
48X Ø 0.35
0.25
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com