Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC241501F/C Datasheet(PDF) 11 Page - Carlo Gavazzi Holding AG

Part # SPPC241501F/C
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C Datasheet(HTML) 11 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 15Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
74 (2.9”)
2-M3
6.5 (0.25”)
88 (3.46”)
3.5 (0.13”)
6.1 (0.24”)
7
5
6
8
16.5 (0.64”)
SMPS Cover
Customare Plate
Assemble Screw
L<= 4mm
L
101 (3.97”)
101.6 (4”)
55 (2.16”)
4 (0.15”)
3.5 (0.13”)
20.5 (0.8”)
RV1
1
3
2
4
2 - M3
7.05(0.27”)
8.25 (0.32”)
3.5 (0.13”)
4.3 (0.16”)
4.5 (0.17”)
R1.75
Dimensions
SMPS Cover
Customer Plate
Assemble Screw
79 (3.11”)
55 (2.16”)
2-M3
2-M3
1
2
3
4
10.5
(0.41”)
1.9 (0.07”)
66.5 (2.61”)
11.6
(0.45”)
L<= 3mm (0.11”)
L
SPPC 25W
Unit: mm
SPPC 35W
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com