Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC241501F/C Datasheet(PDF) 25 Page - Carlo Gavazzi Holding AG

Part # SPPC241501F/C
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C Datasheet(HTML) 25 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 29Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
200W
240W
320WFC
480W
600W
800W
Output power
200W
240W
320W
480W
600W
800W
Voltage
accuracy
±1%
±2%
Line regulation
±0.5%
Load regulation
±1%
±2%
Voltage
regulation span
-10 % ~ 10 %
Rated
ouput
current at
different
output
oltages
5
40 A
48 A
55 A
-
-
-
12
16.7 A
20 A
25 A
34 A
42 A
-
24
8.4 A
10 A
13 A
22 A
26.5 A
33 A
36
-
-
-
14 A
17.5 A
-
48
4.2 A
5 A
6.7 A
11 A
13.6 A
16.5 A
Ripple and
noise at
different
output
voltages
*Note
5
-
-
<150mV (0~65°C)
<200mV (-20~0°C)
-
-
-
12 < 150mV (0~65°C)
< 200 mV (-20~0°C)
< 200mV (0~65°C)
< 250 mV (-20~0°C)
< 200mV (0~65°C)
< 250 mV (-20~0°C)
< 120 mV ( 0°C ~
70°C)
< 180 mV (-30 °C)
< 120 mV ( 0°C ~
70°C)
< 180 mV (-30 °C)
-
24 < 150mV (0~65°C)
< 200 mV (-20~0°C)
< 150mV (0~65°C)
< 200 mV (-20~0°C)
<150mV (0~65°C
<200mV (-20~0°C)
< 150 mV( 0°C ~
70°C)
< 150 mV (-30 °C)
< 150 mV( 0°C ~
70°C)
< 150 mV (-30 °C)
≤ 200 mV
36
< 200 (0~65°C)
< 200 mV (-20~0°C)
-
<200mV (0~65°C)
< 200 mV (-20~0°C)
-
48 < 150mV (0~65°C)
< 200 mV (-20~0°C)
-
< 150mV (0~65°C)
< 200 mV (-20~0°C)
< 200 mV ( 0°C ~
70°C)
< 200 mV (-30 °C)
< 200 mV( 0°C ~
70°C)
< 200 mV (-30 °C)
≤ 240 mV
Hold up time
115 VAC
230 VAC
-
> 12 mS
-
> 16 mS
> 8 mS (220 VAC)
-
-
Set-up Time
115VAC
230VAC
< 4S (120 VAC)
-
≤ 2S
< 3 S
< 1.5 S
≤ 3 S (220 VAC)
-
-
Turn-on
overshoot
<+5%
Overshoot and
Undershoot
<5%
Series
Operation
Support
Parallel
Operation
No
Power Boost
No
*NOTE: Measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF and 10uF parallel capacitor
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com