Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC241501F/C Datasheet(PDF) 9 Page - Carlo Gavazzi Holding AG

Part # SPPC241501F/C
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C Datasheet(HTML) 9 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 13Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Leakage current
(input - output)
< 0.25mA
Earth leakage current
(input - PG)
≤ 3.5mA
Efficiency
@115 VAC
output
voltage
5 VDC
76 %
79 %
80 %
-
12 VDC
80 %
83 %
84 %
83 %
82.5 %
15 VDC
-
-
85 %
83 %
-
24 VDC
84 %
86 %
87 %
84 %
85 %
48 VDC
-
-
88 %
-
Efficiency
@230 VAC
5 VDC
78 %
80 %
82 %
-
12 VDC
82 %
84 %
85 %
86 %
86 %
15 VDC
-
-
86 %
-
24 VDC
85 %
87 %
87 %
88 %
88 %
36 VDC
-
-
-
-
-
-
48 VDC
-
-
89 %
87 %
-
Power factor (full load)
110 VAC
230 VAC
-
-
-
-
> 0.98
>0.95
Ingress protection
IP 20
MTBF (MIL-HDBK-217F)
> 200.000 hours
Case material
Metal
Weights
0.15 Kg
(0.33 Lb)
0.19 Kg
(0.42 Lb)
0.25 Kg
(0.55 Lb)
0.366 Kg
(0.8 Lb)
0.65 Kg
(1.43 Lb)
0.61 Kg
(1.34 Lb)
Switching frequency
65 kHz
-
-
65 kHz
-
Mounting
Panel
Packing
48 PCS / CTN
60 PCS / CTN
40 PCS / CTN
30 PCS / CTN
10 PCS / CTN
20 PCS / CTN
G. W: 10.05
kgs
(22.1 lb)
G.W: 14.22
kgs
(31.3 lb)
G.W: 12.29
kgs
(27.1 lb)
G.W: 13.29
kgs
(29.2 lb)
G.W: 8.5
kgs
(18.7 lb)
G.W: 14.26
kgs
(31.4 lb)
0.03 CBM
0.06 CBM
0.043 CBM
0.044 CBM
0.04 CBM
0.04 CBM
General data
Features
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com