Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC241501F/C Datasheet(PDF) 31 Page - Carlo Gavazzi Holding AG

Part # SPPC241501F/C
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C Datasheet(HTML) 31 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 29Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 30Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 31Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 32Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 33Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 34Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 35Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
Signalling and controls
Troubleshooting
Control and protection
Operating description
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
200W
240W
320W 1FC
480W
600W
800W
DC OK LED
Green when output voltage ≥ 90% of rated output voltage red when output voltage ≤ 80% or rated output voltage or
overload
SPPC
25W
35W
50W
75W
150W 1F
150W 1FC
Overvoltage
protection
105 % ~ 150 %
of rated output
current,
constant
power, auto
recovery
105 % ~ 150 %
of rated output
voltage,
Constant
voltage
5.75 ~ 7.5V (5VDC)
13.8 ~ 18V (12VDC)
17.25 ~ 22.5V (15VDC)
27.6 ~ 36V (24VDC)
55.2 ~ 72V (48VDC)
5.5 ~ 7.5V (5VDC)
13.2 ~ 18V (12VDC)
16.5 ~ 22.5V (15VDC)
26.4 ~ 36V (24VDC)
52.8 ~ 72V (48VDC)
105 % ~ 150 %
of rated output
voltage, shut
down
14 ~ 18 V (12 VDC)
17.8 ~ 22.5 V (15 VDC)
27 ~ 36 V (24 VDC)
52.5 ~ 72 V (48 VDC)
Protection type:
constant voltage
Protection type:
constant voltage, auto
recovery
Protection type:
Hiccup mode, auto
recovery
Overload
protection
105 % ~ 150 % of rated output
current, constant power, auto
recovery
8.4 ~ 12 A (5VDC)
4.41 ~ 6.3 A (12VDC)
3.57 ~ 5.1A (15VDC)
2.31 ~ 3.3A (24VDC)
1.155 ~ 1.65A (48VDC)
12.6 ~ 18A (5VDC)
6.3 ~ 9A (12VDC)
5.25 ~ 7.5A (15VDC)
3.36 ~ 4.8A (24VDC)
1.7 ~ 2.43A (48VDC)
105 % ~ 150 %
of rated output
current, hiccup
mode, auto
recovery
13.125 ~ 18.75 A (12
VDC)
10.5 ~ 17 A (15 VDC)
6.93 ~ 9.45 A (24 VDC)
3.36 ~ 4.8 A (48 VDC)
Protection type: 5V is
hiccup mode, rest are
constant power, auto
recovery
Protection type: 5V is
hiccup mode, rest are
constant power, auto
recovery
Protection type:
Hiccup mode, auto
recovery
Current
limiting
No support
Short circuit
protection
Long - term mode, auto recovery
Over
temperature
protection
-
-
-
-
-
105 °C ±5 °C (detect
on Mosfet tempera-
ture); shut down, auto
recovery after the
temperature goes
down to 50 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com