Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC241501F/C Datasheet(PDF) 32 Page - Carlo Gavazzi Holding AG

Part # SPPC241501F/C
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC241501F/C Datasheet(HTML) 32 Page - Carlo Gavazzi Holding AG

Back Button SPPC241501F/C Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 29Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 30Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 31Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 32Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 33Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 34Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 35Page - Carlo Gavazzi Holding AG SPPC241501F/C Datasheet HTML 36Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC
200W
240W
320W 1FC
480W
600W
800W
Overvoltage
protection
-
-
-
110 % ~ 150 % of rated voltage,
constant voltage
110 % ~ 150 % of
rated output voltage,
constant voltage, auto
recovery
Overload
protection
18 ~ 30 A (12 VDC)
10 ~ 15 A (24 VDC)
5.88 ~ 8.8 A (36 VDC)
5 ~ 7.56 A (48 VDC)
120 % ~ 170 % of
rated output
current,
Hicchup mode,
auto recovery
105 % ~ 150 %
of rated ouput
current, hiccup
mode, auto
recovery
110 % ~ 135 % of rated output current, constant current
Protection type: Hiccup
mode, auto recovery
Current limiting
No support
Short circuit
protection
Long - term mode, auto recovery
Long - term mode, constant current, auto recovery
Over temperature
protection
-
-
-
105°C + 5°C (detect on Mosfet
temperature); shut down, auto
recovery after the temperature
goes down to 75°C
105°C + 5°C (detect
on Mosfet tempera-
ture); shut down, auto
recovery after the
temperature goes
down to 70°C
Power supply
Side mounting
Bottom mounting
SPPC up to 75 W
SPPX - BKTLA + SPPX - DINCLIPA
SPPX - DINCLIPB
SPPC 150 W
SPPX - BKTLB + SPPX - DINCLIPA
NOT AVAILABLE
SPPC 200 W
SPPX - BKTLB + SPPX - DINCLIPA [Not suggested*]
SPPX - DINCLIPB [Not suggested*]
SPPC 240 W
SPPX - BKTLB + SPPX - DINCLIPA [Not suggested*]
SPPX - DINCLIPB [Not suggested*]
SPPC 320 W
SPPX - BKTLD + SPPX - DINCLIP [Not suggested*]
NOT AVAILABLE
SPPC 480 W and above
NOT AVAILABLE
NOT AVAILABLE
SPPC 150 W 1FC
NOT AVAILABLE
NOT AVAILABLE
SPPA 150 W
SPPX - BKTLB + SPPX - DINCLIPA
NOT AVAILABLE
NOT SUGGESTED*:
The mounting is available only with 2 fixing screws
Accessories / power supplies
Compatible components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com