Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-4PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6100-4PCBA
Description  3V 1900MHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-4PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF6100-4PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-2
RF6100-4
Rev A0 031217
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
V
Supply Voltage (POUT≤31dBm)
+5.2
V
Control Voltage (VREG)+3.9
V
Input RF Power
+10
dBm
Mode Voltage (VMODE)+3.5
V
Operating Temperature
-30 to +110
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Gain Mode (VMODE
Low)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=0V, and POUT=28.5dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
1850
1910
MHz
Linear Gain
26
28
31
dB
Second Harmonics
-35
-30
dBc
Third Harmonics
-40
dBc
Maximum Linear Output
28.5
dBm
Linear Efficiency
35
39
%
Maximum ICC
535
600
mA
ACPR @ 1.25MHz
-48
-46
dBc
ACPR @ 2.25MHz
-62
-56
dBc
Input VSWR
2:1
Output VSWR Stability
6:1
No oscillation>-70dBc
10:1
No damage
Noise Power
-139
dBm/Hz
At 80MHz offset.
Low Gain Mode (VMODE
High)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=2.8V, and POUT=28.5dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
1850
1910
MHz
Linear Gain
25
27
31
dB
Second Harmonics
-35
-30
dBc
Third Harmonics
-40
dBc
Maximum Linear Output
28.5
dBm
Linear Efficiency
35
39
%
ACPR @1.25MHz
-48
-46
dBc
ACPR @2.25MHz
-60
-56
dBc
Maximum ICC
140
165
mA
POUT=16dBm
Linear Gain
26
dB
POUT=16dBm
Input VSWR
2:1
Output VSWR Stability
6:1
No oscillation>-70dBc
10:1
No damage
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com