Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-4PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6100-4PCBA
Description  3V 1900MHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-4PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF6100-4PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-4
RF6100-4
Rev A0 031217
Pin
Function
Description
Interface Schematic
1VCC1
First stage collector supply. A low frequency decoupling capacitor
(e.g., 4.7
µF) may be required.
2RF IN
RF input internally matched to 50
Ω. This input is internally AC-coupled.
3GND
Ground connection. Connect to package base ground. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane.
4VMODE
For nominal operation (High Power Mode), VMODE is set LOW. When
set HIGH, devices are biased lower to improve efficiency.
5VREG
Regulated voltage supply for amplifier bias. In Power Down mode, both
VREG and VMODE need to be LOW (<0.5V).
6GND
Ground connection. Connect to package base ground. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane.
7GND
Ground connection. Connect to package base ground. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane.
8RF OUT
RF Output internally matched to 50
Ω. This output is internally
AC-coupled.
9GND
Ground connection. Connect to package base ground. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane.
10
VCC2
Output stage collector supply. A low frequency decoupling capacitor
(e.g., 4.7
µF) is required.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias. The pad should have a short thermal path to the ground
plane.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com