Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-4PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6100-4PCBA
Description  3V 1900MHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-4PCBA Datasheet(HTML) 6 Page - RF Micro Devices

  RF6100-4PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2-6
RF6100-4
Rev A0 031217
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is
3
µinch to 8µinch gold over 180µinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land and Solder Mask Pattern
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bottom of
the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating
routing strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size
on a 0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested
that the quantity of vias be increased by a 4:1 ratio to achieve similar results.
Dimensions in mm.
Metal Land Pattern
Pin 1
A
A
A
A
A
A
3.40 Typ.
2.55 Typ.
1.90 Typ.
1.50 Typ.
0.85 Typ.
0.00
0.20 Typ.
0.20 Typ.
0.65 Typ.
1.05 Typ.
1.70 Typ.
2.35 Typ.
2.75 Typ.
3.60 Typ.
A = 0.40 (mm) Sq. Typ.
Solder Mask Pattern
A
A
A
A
A
B
A
A
A
A
A
Pin 1
3.40 Typ.
2.55 Typ.
1.70 Typ.
0.85 Typ.
0.00
A = 0.55 (mm) Sq. Typ.
B = 2.65 x 3.95 (mm)
Figure 1. PCB Metal Land Pattern and Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com