Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-4PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6100-4PCBA
Description  3V 1900MHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-4PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF6100-4PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-3
RF6100-4
Rev A0 031217
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
T=25°C Ambient
Supply Voltage
3.2
3.4
4.2
V
High Gain Idle Current
60
75
90
mA
VMODE=low and VREG=2.8V
Low Gain Idle Current
50
65
80
mA
VMODE=high and VREG=2.8V
VREG Current
1.1
2
mA
VCC=3.4V, VREG=2.8V
VMODE Current
250
500
uA
RF Turn On/Off Time
1.2
6
uS
DC Turn On/Off Time
2
40
uS
Total Current (Power Down)
0.2
5
uA
VREG Low Voltage (Power Down)
0
0.5
V
VREG High Voltage (Recom-
mended)
2.75
2.8
2.95
V
VREG High Voltage (Operational)
2.7
3.0
V
VMODE Voltage
0
0.5
V
High Gain Mode
VMODE Voltage
2.0
3.0
V
Low Gain Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com