Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6100-4PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6100-4PCBA
Description  3V 1900MHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-4PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF6100-4PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-4PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-5
RF6100-4
Rev A0 031217
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
VCC1
C2
4.7
µF
50
Ω µstrip
J2
RF OUT
50
Ω µstrip
J1
RF IN
VREG
C3
4.7
µF
1
2
3
4
5
7
6
9
8
10
VMODE
C4
4.7
µF
VCC2
C1
22
µF
P2
1
2
3
4
5
CON5
GND
GND
GND
P2-5
VMODE
P2-3
VREG
P1
1
2
3
4
5
CON5
GND
GND
GND
P1-2
VCC1
P1-4
VCC2
Bias



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com