Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFJK-API Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX-SFJK-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFJK-API Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX-SFJK-API Datasheet HTML 3Page - ON Semiconductor AX-SFJK-API Datasheet HTML 4Page - ON Semiconductor AX-SFJK-API Datasheet HTML 5Page - ON Semiconductor AX-SFJK-API Datasheet HTML 6Page - ON Semiconductor AX-SFJK-API Datasheet HTML 7Page - ON Semiconductor AX-SFJK-API Datasheet HTML 8Page - ON Semiconductor AX-SFJK-API Datasheet HTML 9Page - ON Semiconductor AX-SFJK-API Datasheet HTML 10Page - ON Semiconductor AX-SFJK-API Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AX−SFJK, AX−SFJK−API
www.onsemi.com
7
Table 5. LOGIC
Symbol
Description
Condition
Min
Typ
Max
Units
Digital Inputs
VT+
Schmitt trigger low to high threshold point
VDD_IO = 3.3 V
1.55
V
VT−
Schmitt trigger high to low threshold point
1.25
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
VIPA
Input voltage range, GPIO[3:0]
−0.5
VDD_IO
V
VIPBC
Input voltage range, GPIO[9:4], UARTRX
−0.5
5.5
V
IL
Input leakage current
−10
10
mA
RPU
Programmable Pull−Up Resistance
65
kW
Digital Outputs
IOH
Output Current, high
Ports GPIO[9:0], UARTTX, TXLED, RXLED,
TXLED, CPULED
VOH = 2.4 V
8
mA
IOL
Output Current, low
GPIO[9:0], UARTTX, TXLED, RXLED, TXLED,
CPULED
VOL = 0.4 V
8
mA
IOZ
Tri−state output leakage current
−10
10
mA
AC Characteristics
Table 6. TCXO REFERENCE INPUT
Symbol
Description
Condition
Min
Typ
Max
Units
fTCXO
TCXO frequency
A passive network between the TCXO output
and the pins CLKP and CLKN is required.
For detailed TCXO network recommendations
depending on the TCXO output swing refer to
the AX5043 Application Note: Use with a
TCXO Reference Clock.
For TCXO recommendations see the AX−
SFJK Application Note: Sigfox Compliant Ref-
erence Design
48
MHz
Table 7. TRANSMITTER
Conditions for transmitter specifications unless otherwise specified with the antenna network from AX−SFJK Application Note: Sigfox
Compliant Reference Design and at 923.2 MHz.
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
100
bps
PTX
Highest Transmitter output power
AT$CW=923200000,1
13
dBm
dTXtemp
Transmitter power variation vs. tempera-
ture
−40°C to +85°C
±0.5
dB
dTXVdd
Transmitter power variation vs. VDD_IO
1.8 to 3.6 V
±0.5
dB
PTXharm2
Emission @ 2nd harmonic
−50
dBc
PTXharm3
Emission @ 3rd harmonic
−67
PTXharm4
Emission @ 4th harmonic
−65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com