Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFJK-API Datasheet(PDF) 10 Page - ON Semiconductor

Part # AX-SFJK-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFJK-API Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AX-SFJK-API Datasheet HTML 6Page - ON Semiconductor AX-SFJK-API Datasheet HTML 7Page - ON Semiconductor AX-SFJK-API Datasheet HTML 8Page - ON Semiconductor AX-SFJK-API Datasheet HTML 9Page - ON Semiconductor AX-SFJK-API Datasheet HTML 10Page - ON Semiconductor AX-SFJK-API Datasheet HTML 11Page - ON Semiconductor AX-SFJK-API Datasheet HTML 12Page - ON Semiconductor AX-SFJK-API Datasheet HTML 13Page - ON Semiconductor AX-SFJK-API Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AX−SFJK, AX−SFJK−API
www.onsemi.com
10
COMMAND INTERFACE
General Information
The chapter “Command Interface” is a documentation of
the AT−Command set for devices which do not have an
API−interface. To see whether the device is capable of
receiving AT−Commands, please refer to the table “Device
Versions”. If the device has been shipped with the
API−Interface, please refer to the SW manual and
“apiexample” code delivered with AX−SF−LIB−1−GEVK
for an introduction on how to setup a project and how to use
the API−Interface.
Serial Parameters: 9600, 8, N, 1
The AX−SFJK uses the UART (pins UARTTX,
UARTRX) to communicate with a host and uses a bitrate of
9600 baud, no parity, 8 data bits and one stop bit.
Power Modes
Standby
After Power−Up and after finishing a SIGFOX
transmission, AX−SFJK enters Standby mode. In Standby
mode, AX−SFJK listens on the UART for commands from
the host. Also, OOB frames are transmitted whenever the
OOB timer fires. To conserve power, the AX−SFJK can be
put into Sleep or turned off (Deep Sleep) completely.
Sleep
The command AT$P=1 is used to put the AX−SFJK into
Sleep mode. In this mode, only the wakeup timer for
out−of−band messages is still running. To wake the
AX−SFJK up from Sleep mode toggle the serial UARTRX
pin, e.g. by sending a break (break is an RS232 framing
violation, i.e. at least 10 bit durations low). When an Out of
Band (OOB) message is due, AX−SFJK automatically
wakes up to transmit the message, and then returns to Sleep
mode.
Deep Sleep
In Deep Sleep mode, the AX−SFJK is completely turned
off and only draws negligible leakage current. Deep Sleep
mode can be activated with AT$P=2. To wake−up from
Deep Sleep mode, GPIO9 is pulled to GND.
When using Deep Sleep mode, keep two things in mind:
Everything is turned off, timers are not running at all and all
settings will be lost (use AT$WR to save settings to flash
before entering Deep Sleep mode). Out−of−band messages
will therefore not be sent. The pins states are frozen in Deep
Sleep mode. The user must ensure that this will not result in
condition which would draw a lot of current.
AT Commands
Numerical Syntax
hexdigit ::= [0−9A−Fa−f]
hexnum ::= “0x” hexdigit+
decnum ::= “0” | [1−9] [0−9]*
octnum ::= “0” [0−7]+
binnum ::= “0b” [01]+
bit
::= [01]
optnum ::= “−1”
frame
::= (hexdigit hexdigit)+
uint
::= hexnum | decnum | octnum | binnum
uint_opt ::= uint | optnum
Command Syntax
A command starts with ‘AT’ (everything is case
sensitive!), continues with the actual command followed by
parameters (if any) and ends with any kind of whitespace
(space, tab, newline etc.)
If incorrect syntax is detected (“parsing error”) all input
is ignored up until the next whitespace character.
Also note that any number can be entered in any format
(Hexadecimal, Decimal, Octal and binary) by adding the
corresponding prefix (‘0x’, ‘0’, ‘0b’). The only exception is
the ‘Send Frame’ command (
AT$SF) which expects a list of
hexadecimal digits without any prefix.
Return Codes
A successful command execution is indicated by sending
‘OK’. If a command returns a value (e.g. by querying
a register) only the value is returned.
Examples
Bold text is sent to AX−SFJK.
AT$I=0
AX−Sigfox 1.1−RCZ3
Here, we execute command ‘I’ to query some general
information.
AT$SF=aabb1234
OK
This sends a Sigfox frame containing { 0xAA : 0xBB : 0x12
: 0x34 } without waiting for a response telegram.
AT$SF=0011223344,1
OK
RX=AA BB CC DD
This sends a Sigfox frame containing { 0x00 : 0x11 : 0x22
: 0x33 : 0x44 }, then waits for a downlink response telegram,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com